PART |
Description |
Maker |
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PI74LPT162Q952AA PI74LPT162Q952A PI74LPT162Q952V |
Fast CMOS 3.3V 16-bit registered transceiver Dual 8-bit Bus Transceiver
|
Pericom Technology
|
74ALVC16245 74ALVCH16245 74ALVC16245DGG 74ALVC1624 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5V/3.3V 16-bit bus transceiver with direction pin (3-State)(带定向引脚的2.5V/3.3V 16位总线收发器(三态)) 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
TC74VCX163245FT TC74VCX163245FT07 |
16-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC74LCX163245FT07 |
16-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
IDT74FCT162H952ETPF IDT74FCT162H952BTPF IDT74FCT16 |
Dual 8-bit Bus Transceiver 8位总线收发
|
Linear Technology, Corp.
|
TC74LCX163245FT TC74LCX163245 |
16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
|
TOSHIBA[Toshiba Semiconductor]
|
HD74ALVC165245A HD74ALVC165245ATE HD74ALVC165245A0 |
16-Bit Dual-supply Bus Transceiver with 3-state Outputs
|
Renesas Electronics Corporation
|
PI74LVC4245AS PI74LVC4245A PI74LVC4245AL PI74LVC42 |
8-Bit Dual Supply Bus Transceiver with 3-State Outputs
|
PERICOM[Pericom Semiconductor Corporation]
|
TC74LCXR164245FT |
16-Bit Dual Supply Bus Transceiver with Series Resistor
|
TOSHIBA[Toshiba Semiconductor]
|